Part Number Hot Search : 
L8C2041 BJ12A SR202 2SD2039 50WQ06F AD5621 1N8147E3 W25Q64BV
Product Description
Full Text Search
 

To Download ATF-21170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.5- 6 GHz Low Noise Gallium Arsenide FET Technical Data
ATF-21170
Features
* Low Noise Figure: 0.9 dB Typical at 4 GHz * High Associated Gain: 13.0 dB Typical at 4 GHz * High Output Power: 23.0 dBm Typical P 1 dB at 4 GHz * Hermetic Gold-Ceramic Microstrip Package
housed in a hermetic, high reliability package. This device is designed for use in low noise or medium power amplifier applications in the 0.5-6 GHz frequency range. This GaAs FET device has a nominal 0.3 micron gate length with a total gate periphery of 750 microns. Proven gold based metallization systems and nitride passivation assure a rugged, reliable device.
70 mil Package
Description
The ATF-21170 is a high performance gallium arsenide Schottkybarrier-gate field effect transistor
Electrical Specifications, TA = 25C
Symbol NFO Parameters and Test Conditions Optimum Noise Figure: VDS = 3 V, IDS = 20 mA f = 2.0 GHz f = 4.0 GHz f = 6.0 GHz f = 2.0 GHz f = 4.0 GHz f = 6.0 GHz f = 4.0 GHz f = 4.0 GHz Units dB dB dB dB dB dB dBm dB mmho mA V 70 80 -3.0 Min. Typ. Max. 0.6 0.9 1.2 16.0 13.0 10.0 23.0 13.0 120 120 -1.5 200 -0.8 1.1
GA
Gain @ NFO: VDS = 3 V, IDS = 20 mA
12.0
P1 dB G1 dB gm IDSS VP
Power Output @ 1 dB Gain Compression: VDS =5 V, IDS = 80 mA 1 dB Compressed Gain: VDS = 5 V, IDS = 80 mA Transconductance: VDS =3 V, VGS = 0 V Saturated Drain Current: VDS = 3 V, VGS = 0 V Pinch-off Voltage: VDS = 3 V, IDS = 1 mA
5965-8718E
5-46
ATF-21170 Absolute Maximum Ratings
Symbol VDS VGS VGD IDS PT TCH TSTG Parameter Drain-Source Voltage Gate-Source Voltage Gate-Drain Voltage Drain Current Power Dissipation [2,3] Channel Temperature Storage Temperature Units V V V mA mW C C Absolute Maximum[1] + 7 -4 -8 IDSS 600 175 -65 to +175
Notes: 1. Permanent damage may occur if any of these limits are exceeded. 2. TCASE TEMPERATURE = 25C. 3. Derate at 4 mW/C for TCASE > 25C. 4. The small spot size of this technique results in a higher, though more accurate determination of jc than do alternate methods. See MEASUREMENTS section for more information.
Thermal Resistance: Liquid Crystal Measurement:
jc = 250C/W; TCH = 150C 1 m Spot Size[4]
18
ATF-21170 Noise Parameters: VDS = 3 V, IDS = 20 mA
Freq. GHz 0.5 1.0 2.0 4.0 8.0 NFO dB 0.4 0.5 0.6 0.9 1.2 opt Mag .93 .85 .70 .59 .54 Ang 17 35 70 148 -177
GA
15
RN/50 .90 .70 .46 .14 .09
NFO (dB)
2.0 1.5 1.0 0.5 0 1.0
NFO
12 9 6
2.0
4.0
6.0 8.0
FREQUENCY (GHz)
ATF-21170 Typical Performance, TA = 25C
16 14
GA
Figure 1. Optimum Noise Figure and Associated Gain vs. Frequency. VDS = 3V, IDS = 20 mA, TA = 25C.
30 25
25
GA (dB)
20
12 10
MSG
MSG
20
GAIN (dB)
GAIN (dB)
15
MAG
15
|S21|2
MAG
1.5
10
|S21|2
NFO (dB)
1.0 0.5 0 0 10 20
NFO
10 5 0 0.5
5
30 IDS (mA)
40
50
60
0 0.5
1.0
2.0
4.0 6.0 8.0 10.0
1.0
2.0
4.0 6.0 8.0 10.0
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 2. Optimum Noise Figure and Associated Gain vs. IDS. VDS = 3V, f = 4.0 GHz.
Figure 3. Insertion Power Gain, Maximum Available Gain and Maximum Stable Gain vs. Frequency. VDS = 3 V, IDS = 20 mA.
Figure 4. Insertion Power Gain, Maximum Available Gain and Maximum Stable Gain vs. Frequency. VDS = 5 V, IDS = 80 mA.
5-47
GA (dB)
Typical Scattering Parameters, Common Emitter, Z O = 50 , TA = 25C, VDS = 3 V, IDS = 20 mA
Freq. GHz 0.5 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 Mag. .96 .91 .82 .74 .70 .65 .64 .65 .66 .66 .67 S11 Ang. -31 -55 -95 -123 -147 -170 167 146 126 107 87 dB 15.5 14.2 12.1 10.2 8.8 7.3 6.3 5.4 4.5 3.4 2.2 S21 Mag. 5.93 5.14 4.05 3.23 2.74 2.33 2.07 1.86 1.67 1.48 1.29 Ang. 157 137 106 82 61 41 22 4 -13 -30 -47 dB -29.4 -24.3 -20.4 -19.5 -18.7 -18.2 -17.7 -17.5 -17.0 -16.6 -16.2 S12 Mag. .034 .061 .096 .106 .116 .123 .131 .134 .141 .148 .155 S22 Ang. 72 56 36 21 9 -1 -10 -17 -28 -39 -50 Mag. .46 .42 .39 .35 .33 .30 .29 .26 .26 .26 .25 Ang. -23 -42 -70 -91 -109 -127 -145 -167 164 140 114
Typical Scattering Parameters, Common Emitter, Z O = 50 , TA = 25C, VDS = 5 V, IDS = 80 mA
Freq. GHz 0.5 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 Mag. .95 .89 .78 .69 .64 .60 .61 .61 .63 .64 .64 S11 Ang. -43 -64 -106 -133 -160 175 154 136 120 102 86 dB 18.3 17.4 14.6 12.4 10.7 9.1 7.9 6.9 6.2 5.3 4.5 S21 Mag. 8.24 7.28 5.36 4.18 3.42 2.85 2.47 2.22 2.05 1.85 1.68 Ang. 149 133 101 79 56 37 18 2 -14 -32 -48 dB -32.4 -29.9 -25.2 -23.4 -22.7 -21.7 -20.4 -19.3 -17.9 -16.6 -15.3 S12 Mag. .024 .032 .055 .068 .073 .082 .095 .108 .127 .148 .172 S22 Ang. 67 59 44 34 31 24 19 12 7 0 -13 Mag. .49 .46 .40 .38 .36 .35 .33 .31 .27 .27 .29 Ang. -17 -26 -45 -60 -81 -100 -115 -132 -152 -179 165
A model for this device is available in the DEVICE MODELS section.
70 mil Package Dimensions
.040 1.02 SOURCE 4 .020 .508 GATE 1 DRAIN 3
SOURCE
2
.004 .002 .10 .05
.070 1.70
Notes: (unless otherwise specified) 1. Dimensions are in mm 2. Tolerances in .xxx = 0.005 mm .xx = 0.13
.495 .030 12.57 .76
.035 .89
5-48


▲Up To Search▲   

 
Price & Availability of ATF-21170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X